Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24PPR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH24PPR
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24PPR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH24PPR Datasheet HTML 9Page - STMicroelectronics LNBH24PPR Datasheet HTML 10Page - STMicroelectronics LNBH24PPR Datasheet HTML 11Page - STMicroelectronics LNBH24PPR Datasheet HTML 12Page - STMicroelectronics LNBH24PPR Datasheet HTML 13Page - STMicroelectronics LNBH24PPR Datasheet HTML 14Page - STMicroelectronics LNBH24PPR Datasheet HTML 15Page - STMicroelectronics LNBH24PPR Datasheet HTML 16Page - STMicroelectronics LNBH24PPR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LNBH24
Application circuit
13/30
Table 5.
Bill of material (valid for A and B sections except for C1, C2, C7, C8 and R1)
Component
Notes
R1, R4
1/4 W resistors. Refer to the typical application circuit for the relative values
R3, RSEL
1/8 W resistors. Refer to the typical application circuit for the relative values
C1
25 V electrolytic capacitor, 100 µF or higher is suitable.
C9
10µF, > 35 V electrolytic capacitor
C3, C5
100µF, > 25 V electrolytic capacitor, ESR in the 150 m
Ω to 350 mΩ range
C2, C4, C6, C7, C8, C10,
C11, C12, C13
>25 V ceramic capacitors. Refer to the typ. appl. circuit for the relative values
D1
STPS130A or any similar schottky diode with VRRM > 25 V and IF(AV) higher than:
IF(AV) > IOUT_MAX x (VUP_MAX/VIN_MIN)
D2
BAT43, 1N5818, or any schottky diode with IF(AV)>0.2A, VRRM > 25 V, VF<0.5 V
D3
1N4007 or equivalent
D4
1N5818 or equivalent schottky diode
L1
22µH inductor with ISAT>IPEAK, where IPEAK is the boost converter peak current:
L2
Ferrite bead, Panasonic-EXCELS A35, Murata-BL01RN1-A62, Taiyo-Yuden-
BKP1608HS600 or equivalent with similar or higher impedance and current rating
higher than 2A
L3
220 µH-270 µH inductor with current rating higher than rated output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com