Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24PPR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LNBH24PPR
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24PPR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LNBH24PPR Datasheet HTML 13Page - STMicroelectronics LNBH24PPR Datasheet HTML 14Page - STMicroelectronics LNBH24PPR Datasheet HTML 15Page - STMicroelectronics LNBH24PPR Datasheet HTML 16Page - STMicroelectronics LNBH24PPR Datasheet HTML 17Page - STMicroelectronics LNBH24PPR Datasheet HTML 18Page - STMicroelectronics LNBH24PPR Datasheet HTML 19Page - STMicroelectronics LNBH24PPR Datasheet HTML 20Page - STMicroelectronics LNBH24PPR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LNBH24
LNBH24 software description
17/30
X = don't care
All values are typical unless otherwise specified
Valid with TTX pin floating or connected GND
7.4
Diagnostic received data (I²C read mode) for both sections
A/B
The LNBH24 can provide to the master a copy of the diagnostic system register information
via I²C bus in read mode. The read mode is master activated by sending the chip address
with R/W bit set to 1. At the following master generated clock bits, the LNBH24 issues a byte
on the SDA data bus line (MSB transmitted first). At the ninth clock bit the MCU master can:
●
Acknowledge the reception, thus starting the transmission of another byte from the
LNBH24
●
No acknowledge, stopping the read mode communication
Three bits of the register are read back as a copy of the corresponding write output voltage
register status (LLC, VSEL, EN), while the other five bits convey diagnostic information
about the over-temperature (OTF), output voltage level (VMON), output overload (OLF),
minimum output current presence (IMON) and 22 kHz tone (TMON). In normal operation the
diagnostic bits are set to zero, while if a failure is occurring, the corresponding bit is set to
one. At start-up all the bits are reset to zero.
Table 6.
Truth table
PCL
TTX
TEN
LLC
VSEL
EN
ITEST
AUX
Function
00
0
1
0
VoRX= 13.4 V, VUP=14.15 V, (VUP-VoRX=0.75 V)
00
1
1
0
VoRX= 18.5 V, VUP=19.25 V, (VUP-VoRX=0.75 V)
01
0
1
0
VoRX= 14.4 V, VUP=15.15 V, (VUP-VoRX=0.75 V)
01
1
1
0
VoRX= 19.5 V, VUP=20.25 V, (VUP-VoRX=0.75 V)
XX
1
X
1
VoRX= 22 V, VUP=22.75 V, (VUP-VoRX=0.75 V)
0
1
22 KHz controlled by DSQIN pin (only if TTX=1)
1
1
1
22 KHz tone output is always activated
01
VoRX output is ON, VoTX Tone generator output is OFF
11
VoRX output is ON, VoTX Tone generator output is ON
0
1
Pulsed (dynamic) current limiting is selected
1
1
Static current limiting is selected
X
X
1
0
Minimum output current diagnostic threshold = 6mA typ.
X
X
1
1
Minimum output current diagnostic threshold = 12mA typ.
X
X
X
X
X
0
X
X
Power block disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com