Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH24PPR Datasheet(PDF) 26 Page - STMicroelectronics

Part # LNBH24PPR
Description  Dual LNB supply and control IC with step-up and I2C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24PPR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LNBH24PPR Datasheet HTML 22Page - STMicroelectronics LNBH24PPR Datasheet HTML 23Page - STMicroelectronics LNBH24PPR Datasheet HTML 24Page - STMicroelectronics LNBH24PPR Datasheet HTML 25Page - STMicroelectronics LNBH24PPR Datasheet HTML 26Page - STMicroelectronics LNBH24PPR Datasheet HTML 27Page - STMicroelectronics LNBH24PPR Datasheet HTML 28Page - STMicroelectronics LNBH24PPR Datasheet HTML 29Page - STMicroelectronics LNBH24PPR Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Typical performance characteristics
LNBH24
26/30
Figure 26.
DC-DC converter efficiency vs
temperature
Figure 27.
22 kHz tone waveform
Figure 28.
DSQIN tone enable transient
response
Figure 29.
DSQIN tone disable transient
response
EN=VSEL=LLC=1
V
CC = 12 V, IOUT = 750 mA
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
EN=VSEL=LLC=1
V
CC = 12 V, IOUT = 750 mA
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
80
90
T [°C]
V
CC = 12 V
EN=TEN=TTX=1
LNB
OUT
V
CC = 12 V
EN=TEN=TTX=1
LNB
OUT
DSQIN
V
CC = 12 V
EN=TTX=1, TEN=0
LNB
OUT
DSQIN
V
CC = 12 V
EN=TTX=1, TEN=0
LNB
OUT
DSQIN
V
CC = 12 V
EN=TTX=1, TEN=0
LNB
OUT
DSQIN
V
CC = 12 V
EN=TTX=1, TEN=0
LNB
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com