Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1270 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H1270
Description  10/100BASE-TX DUAL PORT TRANSFORMER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1270 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H1270 Datasheet HTML 1Page - Pulse A Technitrol Company H1270 Datasheet HTML 2Page - Pulse A Technitrol Company H1270 Datasheet HTML 3Page - Pulse A Technitrol Company H1270 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pulseeng.com
1
H322.H (7/07)
.004/0,10
24 Surfaces
.515 ± .005
13,08 0,13
.590
14,99
.039
0,99
24X .015
0,38
.500
12,70
11X .039 = .429
0,99 10,90
.010
0,25
.145
3,68
24X .025
0,64
24X 0°- 8°
H1174 / H1270
DATE CODE
COUNTRY OF ORIGIN
24X .025
0,64
.039
0,99
11X .039 = .429
0,99 10,90
.620
15,75
.520
13,21
H1XXX
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
0° – 8°
.230 MAX
5,84
40X .045
1,14
.485
12,32
40X .024
0,61
.010 ± .005
0,25 0,13
19X .050
1,27
40X .090
2,29
40X .030
0,77
.480
12,19
SUGGESTED PAD LAYOUT
.050
1,27
19X .050 = .950
1,27
24,13
.004/0,10
40 Surfaces
Mechanicals
H1174/H1270
H1XXX
10/100BASE-TX DUAL PORT
TRANSFORMER MODULES
For Use with Transceivers Requiring
1:1 Transmit and Receive Turns Ratios
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
RoHS-5 peak reflow temperature rating 235°C
RoHS-6 peak reflow temperature rating 245°C°°
Meets IEEE 802.3 specification
Some models offer AutoMDIX capability
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
RoHS-54
RoHS-65
Insertion
Return Loss
Crosstalk
Differential to
Compliant
Compliant
Loss
(dB MIN)
(dB TYP)
Common Mode
Part
Part
(dB TYP)
Rejection (dB TYP)
Number
Number
0.1-100MHz
2-30MHz 40MHz 50MHz 60-80MHz
1MHz
30MHz
60MHz 100MHz
1-60MHz
60-200MHz
H1026
⎯
-0.5
-21
-17
-14.5
-12
-65
-55
-45
-35
-40
-30
H1027
H1027NL6d
-0.5
-21
-17
-14.5
-12
-65
-55
-45
-35
-53
-40
H1028
H1028NL6d
-0.5
-21
-17
-14.5
-12
-65
-55
-45
-35
-45
-35
H1049
H1049 NL6d
-0.5
-21
-17
-14.5
-12
-65
-55
-45
-35
-45
-35
H1114
H1114 NL6d
-1.2
-16
-14
-13
-12
-50
-45
-40
-35
-37
-33
H1200
H1200NL6d
-1.0
-16
-14.4
-13
-12
-50
-45
-40
-35
-37
-33
H1174
H1174 NL6a
-1.2
-18
-16
-14
-12
-60
-45
-40
-35
-45
-35
H12702
H1270NL2, 6a
-1.2
-18
-16
-14
-12
-60
-45
-40
-35
-45
-35
HX12943
HX1294NL3, 6c
-1.2
-16
-14
-13.5
-10
-55
-45
-40
-35
-30
-20
1. All models meet input/output breakdown (Hipot) of 1500 Vrms.
2. Suitable for AutoMDIX applications.
3. Operating Temperature -40°C to +85°C.
4. RoHS-5: Product does not contain 5 out of the 6 banned substances
specified in the RoHS directive (product contains lead in applications
considered solder).
5. RoHS-6: Product does not contain 5 out of the 6 banned substances
specified in the RoHS directive. Some internal connections may
cotain lead in high-temperature solder (solder alloys containing more
than 85% lead).
6. MSL= Moisture Sensitivity Level a=1 b=2 c=3 d=4.
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811


Similar Part No. - H1270

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H1270 HUASHAN-H1270 Datasheet
108Kb / 1P
PNP SILICON TRANSISTOR
logo
Pulse A Technitrol Comp...
H1270 PULSE-H1270 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Littelfuse
H127001 LITTELFUSE-H127001 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
H127002 LITTELFUSE-H127002 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
Pulse A Technitrol Comp...
H1270FNL PULSE-H1270FNL Datasheet
976Kb / 2P
LAN Product Guide - Servers
More results

Similar Description - H1270

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1112NL PULSE-H1112NL Datasheet
671Kb / 2P
10/100Base-TX Single Port Transformer Modules
H1093 PULSE-H1093 Datasheet
78Kb / 2P
10/100BASE-TX SINGLE PORT TRANSFORMER MODULES
H1270T PULSE-H1270T Datasheet
184Kb / 4P
10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1053NLT PULSE-H1053NLT Datasheet
702Kb / 4P
10/100Base-TX Quad Port Transformer Modules
H1270NLT PULSE-H1270NLT Datasheet
708Kb / 4P
10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H1112NLT PULSE-H1112NLT Datasheet
467Kb / 3P
10/100Base-TX Single Port Transformer Modules
H1174T PULSE-H1174T Datasheet
184Kb / 4P
10/100BASE-TX DUAL PORT TRANSFORMER MODULES
H322 PULSE-H322 Datasheet
500Kb / 3P
10/100Base-TX Dual Port Transformer Modules
100B-2002F PULSE-100B-2002F Datasheet
176Kb / 1P
10/100BASE-TX DUAL-PORT TRANSFORMER MODULES
100B-4001 PULSE-100B-4001 Datasheet
330Kb / 2P
10/100BASE-TX Quad-Port Transformer Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com