Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1270 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # H1270
Description  10/100BASE-TX DUAL PORT TRANSFORMER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1270 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  H1270 Datasheet HTML 1Page - Pulse A Technitrol Company H1270 Datasheet HTML 2Page - Pulse A Technitrol Company H1270 Datasheet HTML 3Page - Pulse A Technitrol Company H1270 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.pulseeng.com
4
H322.H (7/07)
Ø .059 MIN
1.50
A
Po
A
Ao
USER DIRECTION OF FEED
8.
.453
11,51
.945 ± .012
24,00
0,31
.069
1,75
Ø .059
1.50
.079
2,01
.157
3.99
R .012 MIN
0,30
.200
5,08
.500
12,70
DIM CHART
Ao .610/15,50
Bo .535/13,59
Ko .190/4,83
Po .945/24,00
Bo
3° MAX
DRAFT
Ko
SECTION
A–A
.016
0,41
.016
3,81
R .010
0,25
A
Po
A
Ao
USER DIRECTION OF FEED
8.
.945 ± .012
24,00
0,31
.079
2,01
.157
3.99
R .500
12,7
DIM CHART
Ao .800/20,32
Bo .555/14,10
Ko .270/6,90
Po .945/24,00
Bo
3° MAX
DRAFT ANGLE
Ko
SECTION
A–A
.230
5,84
.020 ± .002
0,51 ± 0,05
.453
11,51
.039
1,00
.039
1,00
19°
.616
15,64
.069
1,75
Ø .059 +.004 -.000
1.50 0,10 0,00
Ø .059
1.50
MIN
.157
3,99
.079
2,01
5" MAX.
DRAFT ANGLE
1.13
28,70
.945
24,00
.012
0,30
1.73
43,94
1.59
40,39
.795
20,19
.069
1,75
.230
15,84
.270
6,86
.740
18,80
.059
1,50
o
.004
0,10
.000
0,00
8
H1174/H1270
Weight . . . . . .4.0 grams TYP
Tube . . . . . . . . . . . . . .15/tube
Tape & Reel . . . . . . .250/reel
H1XXX
HX1294
Weight . . . . . .1.5 grams TYP
Tube . . . . . . . . . . . . . .35/tube
Tape & Reel . . . . . . .500/reel
Tape & Reel Specifications
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4641811
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen
Tech-Innovation International
Tenth Kejinan Rd.
High-Tech Industrial Park
Nanshan District, Shenzhen
China
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2007. Pulse Engineering, Inc. All rights reserved.
10/100BASE-TX DUAL PORT
TRANSFORMER MODULES
For Use with Transceivers Requiring
1:1 Transmit and Receive Turns Ratios



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com