Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H1270 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # H1270
Description  10/100BASE-TX DUAL PORT TRANSFORMER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1270 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  H1270 Datasheet HTML 1Page - Pulse A Technitrol Company H1270 Datasheet HTML 2Page - Pulse A Technitrol Company H1270 Datasheet HTML 3Page - Pulse A Technitrol Company H1270 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.pulseeng.com
2
H322.H (7/07)
Weight . . . . . . . . . .1.6 grams
Tape & Reel . . . . . . .300/reel
Tube . . . . . . . . . . . . . .35/tube
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
NOTE: H1114 includes the shunt choke.
NOTE: H1027 has input common mode choke on pins 6-7 and pins 19-20.
H1028 does not have the additional choke.
1:1
1:1
1:1
1:1
H1026, H1114
Dual Port Solutions: The H1027, H1028, H1049, and H1026 are designed to support two RJ-45 connectors. The H1027 and the H1028 have the same pinout.
The H1027 has an additional common mode choke on both transmit channels. The H1049 and the H1026 offer different pinouts for design flexibility.
Mechanicals (continued)
Schematics
HX1294
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
HX1294
DATE CODE
COUNTRY OF ORIGIN
.429
10,90
.004/0,10
24 Surfaces
0°- 8°
.035
0,90
.005 MIN
1,27
.231
5,87
.743
18,87
.599
15,21
.538
13,67
SUGGESTED LAND PATTERN
.025
0,64
.429
10,90
.605
16,37
.760
19,30
.039
1,00
.039
0,99
.015
0,36
Schematics (continued)
H1049
H1027, H1028
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4641811
10/100BASE-TX DUAL PORT
TRANSFORMER MODULES
For Use with Transceivers Requiring
1:1 Transmit and Receive Turns Ratios



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com