Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7133LA55FB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7133LA55FB
Description  HIGH SPEED 2K X 16 DUAL-PORT SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7133LA55FB Datasheet(HTML) 1 Page - Renesas Technology Corp

  7133LA55FB Datasheet HTML 1Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 2Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 3Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 4Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 5Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 6Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 7Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 8Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Jun.16.21
HIGH SPEED
2K X 16 DUAL-PORT
SRAM
7133SA/LA
7143SA/LA
Features
◆
◆
◆
◆
◆
High-speed access
–
Commercial:20/25/35/45/55/70/90ns(max.)
–
Industrial: 25ns (max.)
–
Military:35/55/70/90ns(max.)
◆
◆
◆
◆
◆
Low-power operation
–
IDT7133/43SA
Active: 1150mW (typ.)
Standby: 5mW (typ.)
–
IDT7133/43LA
Active: 1050mW (typ.)
Standby: 1mW (typ.)
◆
◆
◆
◆
◆
Versatile control for write: separate write control for lower
and upper byte of each port
Functional Block Diagram
NOTE:
1. IDT7133 (MASTER): BUSY is open drain output and requires pull-up resistor.
IDT7143 (SLAVE): BUSY is input.
◆
◆
◆
◆
◆
MASTER IDT7133 easily expands data bus width to 32 bits
or more using SLAVE IDT7143
◆
◆
◆
◆
◆
On-chip port arbitration logic (IDT7133 only)
◆
◆
◆
◆
◆
BUSY output flag on IDT7133; BUSY input on IDT7143
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
Battery backup operation–2V data retention
◆
◆
◆
◆
◆
TTL-compatible; single 5V (±10%) power supply
◆
◆
◆
◆
◆
Available in 68-pin ceramic PGA, Flatpack, PLCC and 100-
pin TQFP
◆
◆
◆
◆
◆
Military product compliant to MIL-PRF-38535 QML
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
I/O
CONTROL
MEMORY
ARRAY
ARBITRATION
LOGIC
(IDT7133 ONLY)
R/
WLUB
CEL
R/
WLLB
OEL
I/O0L -I/O7L
BUSYL
A0L
CEL
R/
WRUB
CER
R/
WRLB
OER
I/O8R -I/O15R
I/O0R -I/O7R
BUSYR
(1)
A0R
CER
2746 drw 01
A10L
ADDRESS
DECODER
A10R
I/O
CONTROL
ADDRESS
DECODER
11
11
(1)
I/O8L -I/O15L


Similar Part No. - 7133LA55FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7133LA70GB IDT-7133LA70GB Datasheet
143Kb / 16P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results

Similar Description - 7133LA55FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7133SA IDT-IDT7133SA Datasheet
140Kb / 16P
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
logo
UMC Corporation
UM6116-25 UMC-UM6116-25 Datasheet
375Kb / 6P
2K x 8 High Speed CMOS SRAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7133LA70GB IDT-7133LA70GB Datasheet
143Kb / 16P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7133SA IDT-IDT7133SA_18 Datasheet
174Kb / 17P
HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com