Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7133LA55FB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7133LA55FB
Description  HIGH SPEED 2K X 16 DUAL-PORT SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7133LA55FB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7133LA55FB Datasheet HTML 11Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 12Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 13Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 14Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 15Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 16Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 17Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 18Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
6.42
7133SA/LA, 7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
18
Jun.16.21
Datasheet Document History
12/18/98:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Addedadditionalnotestopinconfigurations
Page 2
CorrectedPN100pinout
02/17/99:
Corrected PF ordering code
030/9/99:
Cosmeticandtypographicalcorrections
06/09/99:
Changeddrawingformat
10/01/99:
Added Industrial Temperature Ranges and removed corresponding notes
11/10/99:
Replaced IDT logo
04/01/00:
Changed ±500mV to 0mV in notes
Page 2
Fixed overbar in pinout
06/26/00:
Page 4
Increasedstoragetemperatureparameters
ClarifiedTAparameter
Page 5
DCElectricalparameters–changedwordingfrom"open"to"disabled"
01/31/06:
Page 1
Addedgreenavailabilitytofeatures
Page 16
Addedgreenindicatorfororderinginformation
10/21/08:
Page 16
Removed "IDT" from orderable part number
01/16/13:
Page 1, 5, 7, 9 &10 RemovedMilitary25ns&45ns&Industrial35nsspeedgradesfromFeaturesand fromtheheadersofthe
MIL & IND of the DC Chars and AC Chars tables to indicate this change
Page 5
RemovedtheTyp&MaxvaluesfortheMIL&INDtemprangefromthe7133x45and7143x45speedgrade
offering from the DC Chars tables to indicate this change, see table 07b
Page 4
Removed annotation for footnote 3 in the Absolute Maximum Ratings table
Page 8 & 9
Typo/correction
Page 16
Added T& R indicator to and removed Military 25ns & 45ns & Industrial 35ns speed
gradesfromtheorderinginformation
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
Page 1 & 16 Deleted obsolete Industrial speed 55ns
Page 2 Rotated PLG68 PLCC and PNG100 TQFP pin configurations to accurately
reflect pin 1 orientation
Page 16 Added Orderable Part Information
Pages 1-19 Rebranded as Renesas datasheet
Page 2 Rotated FP68 Flatpack pin configuration to accurately reflect pin 1 orientation
Orderable Part Information (con't)
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7143LA20G
GU68
PGA
C
7143LA20JG
PLG68
PLCC
C
7143LA20JG8
PLG68
PLCC
C
25
7143LA25G
GU68
PGA
C
35
7143LA35FB
FP68
FPACK
M
7143LA35G
GU68
PGA
C
7143LA35GB
GU68
PGA
M
55
7143LA55G
GU68
PGA
C
7143LA55GB
GU68
PGA
M
70
7143LA70GB
GU68
PGA
M
90
7143LA90GB
GU68
PGA
M
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
20
7143SA20G
GU68
PGA
C
25
7143SA25G
GU68
PGA
C
35
7143SA35FB
FP68
FPACK
M
7143SA35G
GU68
PGA
C
7143SA35GB
GU68
PGA
M
55
7143SA55G
GU68
PGA
C
7143SA55GB
GU68
PGA
M
70
7143SA70GB
GU68
PGA
M
90
7143SA90GB
GU68
PGA
M
08/13/19:
06/16/21:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com