Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7133LA55FB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7133LA55FB
Description  HIGH SPEED 2K X 16 DUAL-PORT SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7133LA55FB Datasheet(HTML) 2 Page - Renesas Technology Corp

  7133LA55FB Datasheet HTML 1Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 2Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 3Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 4Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 5Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 6Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 7Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 8Page - Renesas Technology Corp 7133LA55FB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
7133SA/LA, 7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
2
Jun.16.21
2746 drw 02
10
11
12
13
14
15
16
50
49
48
47
46
45
44
17
18
19
20
21
22
23
24
25
26
51 52 53 54 55 56 57 58 59 60
9
8
7
6
5
4
3
2
1
68
67
66
65
64
63
62
61
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O8L
VCC(1)
A10L
A9L
A8L
A7L
R/
WLLB
OEL
I/O9R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
A6R
A7R
A8R
A9R
I/O8R
A10R
GND(2)
OER
R/
WRLB
R/
WRUB
I/O11R
I/O0L
R/
WLUB
7133/43
PLG68(4)
68-Pin PLCC
Top View
Pin Configurations(1,2,3,4)
Description
The IDT7133/7143 are high-speed 2K x 16 Dual-Port Static RAMs.
The IDT7133 is designed to be used as a stand-alone 16-bit Dual-Port
RAM or as a “MASTER” Dual-Port RAM together with the IDT7143
“SLAVE”Dual-Portin32-bit-or-morewordwidthsystems.UsingtheIDT
MASTER/SLAVE Dual-Port RAM approach in 32-bit-or-wider memory
systemapplicationsresultsinfull-speed,error-freeoperationwithoutthe
needforadditionaldiscretelogic.
Both devices provide two independent ports with separate control,
address,andI/Opinsthatpermitindependent, asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature,controlledby CE,permitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using CMOS high-performance technology. Low-power
(LA)versionsofferbatterybackupdataretentioncapability,witheachport
typicallyconsuming200µWfora2Vbattery.
TheIDT7133/7143deviceshaveidenticalpinouts.Eachispackedin
a68-pinceramicPGA,68-pinflatpack,68-pinPLCCand100-pinTQFP.
Militarygradeproductismanufacturedincompliancewiththelatestrevision
ofMIL-PRF-38535QML,makingitideallysuitedtomilitarytemperature
applicationsdemandingthehighestlevelofperformanceandreliability.
2746 drw 02c
10 11 12 13 14 15 16
7133/43
FP68(4)
68-Pin Flatpack
Top View
50 49 48 47 46 45 44
17 18 19 20 21 22 23 24 25 26
51
52
53
54
55
56
57
58
59
60
9
8
7
6
5
4
3
2
1
68
67
66
65
64
63
62
61
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
I/O1L
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O8L
VCC(1)
A10L
A9L
A8L
A7L
R/
WLLB
OEL
I/O9R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
A6R
A7R
A8R
A9R
I/O8R
A10R
GND(2)
OER
R/
WRLB
R/
WRUB
I/O11R
I/O0L
R/
WLUB
NOTES:
1. Both VCC pins must be connected to the power supply to ensure reliable
operation.
2. Both GND pins must be connected to the ground supply to ensure reliable
operation.
3. PLG68 package body is approximately 0.95 in x 0.95 in x 0.17 in.
FP68 package body is approximately 1.18 in x 1.18 in x 0.16 in.
4. This package code is used to reference the package diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com