Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2159 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2159
Description  1A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2159 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2159 Datasheet HTML 5Page - Monolithic Power Systems MP2159 Datasheet HTML 6Page - Monolithic Power Systems MP2159 Datasheet HTML 7Page - Monolithic Power Systems MP2159 Datasheet HTML 8Page - Monolithic Power Systems MP2159 Datasheet HTML 9Page - Monolithic Power Systems MP2159 Datasheet HTML 10Page - Monolithic Power Systems MP2159 Datasheet HTML 11Page - Monolithic Power Systems MP2159 Datasheet HTML 12Page - Monolithic Power Systems MP2159 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2159 – 1A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
MP2159 Rev. 1.05
www.MonolithicPower.com
10
6/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 can not be too
large neither too small considering the trade-off
for stability and dynamic. Choose R1 to be
around 120kΩ to 200kΩ. R2 is then given by:
out
R1
R2
V
1
0.6
The feedback circuit is shown as Figure 2.
R1
R2
Vout
FB
MP2159
Figure 2: Feedback Network
Table 1 lists the recommended resistors value
for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.0
200(1%)
300(1%)
1.2
200(1%)
200(1%)
1.8
200(1%)
100(1%)
2.5
200(1%)
63.2(1%)
3.3
200(1%)
44.2(1%)
Selecting the Inductor
A 0.68µH to 2.2µH inductor is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
15mΩ. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
Where ∆IL is the inductor ripple current.
Choose inductor current to be approximately
30% of the maximum load current. The
maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 10µF capacitor is sufficient. For higher output
voltage, 22μF may be needed for more stable
system.
Since the input capacitor absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C 
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, a small and high quality ceramic
capacitor, i.e. 0.1μF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V


 





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com