Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2159 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2159
Description  1A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2159 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2159 Datasheet HTML 5Page - Monolithic Power Systems MP2159 Datasheet HTML 6Page - Monolithic Power Systems MP2159 Datasheet HTML 7Page - Monolithic Power Systems MP2159 Datasheet HTML 8Page - Monolithic Power Systems MP2159 Datasheet HTML 9Page - Monolithic Power Systems MP2159 Datasheet HTML 10Page - Monolithic Power Systems MP2159 Datasheet HTML 11Page - Monolithic Power Systems MP2159 Datasheet HTML 12Page - Monolithic Power Systems MP2159 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2159 – 1A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
MP2159 Rev. 1.05
www.MonolithicPower.com
11
6/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) is required to
maintain the DC output voltage. Ceramic
capacitors
are
recommended.
Low
ESR
capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
Using ceramic capacitors, the impedance at the
switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification,
the output voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
S1
VV
∆V1
V
8f
L
C2

 

 

In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
∆V1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system.
PCB Layout
Proper layout of the switching power supplies is
very important, and sometimes critical for
proper
function.
For
the
high-frequency
switching converter, poor layout design can
result in poor line or load regulation and stability
issues.
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
8
7
6
5
L1
R4
R3
1
2
3
4
OUT
VIN
GND
SW
C1
C1A
Figure 3: PCB Layout Recommendation
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
5V
VOUT
1.2V
fSW
1500kHz
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com