Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2159 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2159
Description  1A, 6V, 1.5MHz, 17μA IQ, COT Synchronous Step Down Switcher In 8-pin TSOT23
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2159 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2159 Datasheet HTML 5Page - Monolithic Power Systems MP2159 Datasheet HTML 6Page - Monolithic Power Systems MP2159 Datasheet HTML 7Page - Monolithic Power Systems MP2159 Datasheet HTML 8Page - Monolithic Power Systems MP2159 Datasheet HTML 9Page - Monolithic Power Systems MP2159 Datasheet HTML 10Page - Monolithic Power Systems MP2159 Datasheet HTML 11Page - Monolithic Power Systems MP2159 Datasheet HTML 12Page - Monolithic Power Systems MP2159 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2159 – 1A, 6V, 1.5MHz SYNCHRONOUS STEP-DOWN SWITCHER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP2159 Rev. 1.05
www.MonolithicPower.com
13
6/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-8
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER
FORMING) SHALL BE0.10 MILLIMETERS MAX.
5) JEDEC REFERENCE IS MO-193, VARIATION BA.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK
FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
TOP VIEW
RECOMMENDED LAND PATTERN
SEATING PLANE
SIDE VIEW
DETAIL ''A''
SEE DETAIL''A''
IAAAA
PIN 1 ID
See note 7
EXAMPLE
TOP MARK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com