Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ9840GL Datasheet HTML 16Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 17Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 18Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 19Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 20Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 21Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 22Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 23Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
20
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
BLOCK DIAGRAM
Figure 1-1: Functional Block Diagram of Output Adjustable Version
Oscillator
PLL
Reference
Error Amplifier
Control Logic,
OCP,
OTP,
BST Refresh
FB
PGND
SW
BST
VIN
EN
PG
90%xVREF
ISW
+
+
-
SS
+
-
VREF
VCC
VFB
VFB
VCC
VCC
VCC
Regulator
IREVERSE
BIAS
FREQ
SYNC
PHASE
AGND
VCOMP
R1
460kΩ
C1
52pF
C2
0.2pF
VCC
VREF
+
-
VFB
110%xVREF
Logic
R3
360kΩ
R2
VSSI
SSI
Figure 1-2: Functional Block Diagram of Fixed Output Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com