Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840GL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840GL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ9840GL Datasheet HTML 5Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 6Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 7Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 8Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 9Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 10Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 11Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 12Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
9
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 5V, Io= 3.5A, L = 4.7μH, FSW = 450kHz, with EMI filters, TA = +25°C, unless
otherwise noted. (7)
CISPR25 Class 5 Peak Conducted
Emissions
150kHz -108MHz
CISPR25 Class 5 Average Conducted
Emissions
150kHz - 108MHz
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.1
108
Frequency (MHz)
1
10
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.1
108
Frequency (MHz)
110
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
CISPR25 Class 5 Peak Radiated
Emissions
150kHz-30MHz
CISPR25 Class 5 Average Radiated
Emissions
150kHz-30MHz
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
0.1
30
Frequency (MHz)
1
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
-10
-5
0
5
10
15
20
25
30
35
40
45
50
55
60
0.1
30
Frequency (MHz)
1
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
CISPR25 Class 5 Peak Radiated
Emissions
Horizontal, 30MHz-200MHz
CISPR25 Class 5 Average Radiated
Emissions
Horizontal, 30MHz-200MHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
HORIZONTAL  POLARIZATION
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
HORIZONTAL  POLARIZATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com