Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ9840GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ9840GL
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter AEC-Q100 Qualified
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ9840GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ9840GL Datasheet HTML 7Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 8Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 9Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 10Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 11Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 12Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 13Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 14Page - Monolithic Power Systems MPQ9840GL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MPQ9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER, AEC-Q100
MPQ9840 Rev. 1.02
www.MonolithicPower.com
11
7/1/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS(continued)
VIN = 12V, VOUT = 3.3V, L = 10μH, FSW = 500kHz, AAM, TA = +25°C, unless otherwise noted.
0 102030405060708090 100
0
500
1,000
1,500
2,000
2,500
3,000
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5 10 15 20 25 30 35 40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
1.5
2 2.5
3 3.5
4.0
4.5
5.0
5.5
6.0
6.5
0
200
400
600
800 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com