Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2201 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M2201
Description  2-Wires 1 Kbit x8 Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2201 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M2201 Datasheet HTML 5Page - STMicroelectronics M2201 Datasheet HTML 6Page - STMicroelectronics M2201 Datasheet HTML 7Page - STMicroelectronics M2201 Datasheet HTML 8Page - STMicroelectronics M2201 Datasheet HTML 9Page - STMicroelectronics M2201 Datasheet HTML 10Page - STMicroelectronics M2201 Datasheet HTML 11Page - STMicroelectronics M2201 Datasheet HTML 12Page - STMicroelectronics M2201 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACK
NO ACK
BYTE WRITE
R/W = 0
BYTE ADDR
DATA IN
WC
PAGE WRITE
BYTE ADDR
DATA IN 1
WC
AI01324
DATA IN 4
R/W = 0
ACK
NO ACK
NO ACK
NO ACK
Figure 8. Write Modes Sequences with Write Control = 1 (M2201 and M2201V)
Read Operation
Byte Read. The master sends a START condition
followed by seven bits of address and the RW bit
(set to ’1’). The M2201 acknowledges it and outputs
the corresponding data byte. The read operation
is terminated by a STOP condition issued by the
master (instead of the ACK bit).
Sequential Read. The master sends a START
condition followed by seven bits of address and the
RW bit (set to ’1’). The M2201 acknowledges it and
outputs the corresponding data byte. The master
does acknowledge this byte and reads the next
data byte (at address + 1). The read operation is
terminated by a STOP condition issued by the
master (instead of the ACK bit). The output data is
from consecutive byte addresses, with the internal
byte address counter automatically incremented
after each byte output. After a count of the last
memory address, the address counter will ’roll-
over to address ’00’ and the memory will continue
to output data.
Acknowledge in Read Mode. In all read modes
the M2201 waits for an acknowledge during the 9th
bit time. If the master does not pull the SDA line low
during this time, the M2201 terminates the data
transfer and switches to a standby state.
9/15
M2201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com