Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2201 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M2201
Description  2-Wires 1 Kbit x8 Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2201 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M2201 Datasheet HTML 7Page - STMicroelectronics M2201 Datasheet HTML 8Page - STMicroelectronics M2201 Datasheet HTML 9Page - STMicroelectronics M2201 Datasheet HTML 10Page - STMicroelectronics M2201 Datasheet HTML 11Page - STMicroelectronics M2201 Datasheet HTML 12Page - STMicroelectronics M2201 Datasheet HTML 13Page - STMicroelectronics M2201 Datasheet HTML 14Page - STMicroelectronics M2201 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TSSOP
1
N
CP
N/2
DIE
C
L
A1
E
E1
D
A2
A
α
e
B
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.10
0.043
A1
0.05
0.15
0.002
0.006
A2
0.85
0.95
0.033
0.037
B
0.19
0.30
0.007
0.012
C
0.09
0.20
0.004
0.008
D
2.90
3.10
0.114
0.122
E
6.25
6.50
0.246
0.256
E1
4.30
4.50
0.169
0.177
e0.65–
–
0.026
–
–
L
0.50
0.70
0.020
0.028
α
0
°
8
°
0
°
8
°
N8
8
CP
0.08
0.003
Drawing is not to scale.
TSSOP8 - 8 lead Plastic Thin Shrink Small Outline, 169 mils body width
14/15
M2201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com