Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2201 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M2201
Description  2-Wires 1 Kbit x8 Serial EEPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2201 Datasheet(HTML) 1 Page - STMicroelectronics

  M2201 Datasheet HTML 1Page - STMicroelectronics M2201 Datasheet HTML 2Page - STMicroelectronics M2201 Datasheet HTML 3Page - STMicroelectronics M2201 Datasheet HTML 4Page - STMicroelectronics M2201 Datasheet HTML 5Page - STMicroelectronics M2201 Datasheet HTML 6Page - STMicroelectronics M2201 Datasheet HTML 7Page - STMicroelectronics M2201 Datasheet HTML 8Page - STMicroelectronics M2201 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
M2201
2-Wires 1 Kbit (x8) Serial EEPROM
July 1999
1/15
AI01321
WC
VCC
M2201
VSS
SDA
SCL
Figure 1. Logic Diagram
TWO WIRE SERIAL INTERFACE
100.000 ERASE/WRITE CYCLES with
100 YEARS DATA RETENTION at 55
°C
SINGLE SUPPLY VOLTAGE:
– 4.5V to 5.5V for M2201 version
– 2.7V to 5.5V for M2201V version
HARDWARE WRITE CONTROL
100 KBIT TRANSFER RATE
BYTE WRITE
PAGE WRITE (up to 4 BYTES)
SELF TIMED PROGRAMMING CYCLE
AUTOMATIC ADDRESS INCREMENTING
ENHANCED ESD/LATCH UP
DESCRIPTION
The M2201 is a simplified 2-wire bus 1 Kbit electri-
cally erasable programmable memory (EEPROM),
organized as 128 x8 bits. It is manufactured in
STMicroelectronics’s Hi-Endurance Advanced
CMOS technology which guarantees a data reten-
tion of 100 years at 55
°C.
The M2201 is available in Plastic Dual-in-Line,
Plastic Small Outline and Thin Shrink Small Out-
line packages.
The memory is compatible with a two wire serial
interface which uses a bi-directional data bus and
serial clock. Read and write operations are initi-
ated by a START condition generated by the bus
master and ended by a STOP condition.
Address bits and RW bit are defined in one single
byte, instead of two (or three) bytes for the standard
I2C protocol.
SDA
Serial Data Input/Output
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
SO8 (M)
150mil Width
8
1
PSDIP8 (B)
0.25mm Frame
8
1
TSSOP8 (DW)
169 mil width


Similar Part No. - M2201

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M220123BLJ MTRONPTI-M220123BLJ Datasheet
340Kb / 2P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M220123BMJ MTRONPTI-M220123BMJ Datasheet
362Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M220123BP.L.MJ MTRONPTI-M220123BP.L.MJ Datasheet
682Kb / 7P
9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M220123BPJ MTRONPTI-M220123BPJ Datasheet
340Kb / 2P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
M220123BPJ MTRONPTI-M220123BPJ Datasheet
362Kb / 3P
9x14 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, Clock Oscillator
More results

Similar Description - M2201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
Jun-2002
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
29-Apr-2010
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I²C bus EEPROM
27-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
Apr-2011
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com