Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55TDB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 6116LA55TDB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55TDB Datasheet(HTML) 3 Page - Renesas Technology Corp

  6116LA55TDB Datasheet HTML 1Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 2Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 3Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 4Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6.42
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
3
Jul.17.20
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, only address inputs are cycling at fMAX, f = 0 means address inputs are not changing.
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
DC Electrical Characteristics
(VCC = 5.0V ± 10%)
RecommendedOperating
Temperature and Supply Voltage
RecommendedDC
Operating Conditions
NOTES:
1. VIL (min.) = –3.0V for pulse width less than 20ns, once per cycle.
2. VIN must not exceed VCC +0.5V.
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V ± 10%
Industrial
-40OC to +85OC0V
5.0V ± 10%
Commercial
0OC to +70OC0V
5.0V ± 10%
3089 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5(2)
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
3.5
VCC +0.5
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3089 tbl 06
Symbol
Parameter
Test Conditions
IDT6116SA
IDT6116LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current
VCC = Max.,
VIN = GND to VCC
MIL.
COM'L & IND
____
____
10
5
____
____
5
2
µA
|ILO|
Output Leakage Current
VCC = Max., CS = VIH,
VOUT = GND to VCC
MIL.
COM'L & IND
____
____
10
5
____
____
5
2
µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
____
0.4
____
0.4
V
VOH
Output High Voltage
IOH = -4mA, VCC = Min.
2.4
____
2.4
____
V
3089 tbl 07
Symbol
Parameter
Power
6116SA15
6116SA20
6116LA20
6116SA25
6116LA25
Unit
Com'l
Only
Com'l
& Ind
Mil
Com'l
& Ind
Mil
ICC1
Operating Power Supply Current
CS <
VIL, Outputs Open
VCC = Max., f = 0
SA
105
105
130
100
90
mA
LA
_____
95
120
95
85
ICC2
Dynamic Operating Current
CS < VIL, Outputs Open
VCC = Max., f = fMAX(2)
SA
150
130
150
120
135
mA
LA
_____
120
140
110
125
ISB
Standby Power Supply Current
(TTL Level)
CS > VIH, Outputs Open
VCC = Max., f = fMAX(2)
SA
40
40
50
40
45
mA
LA
_____
35
45
35
40
ISB1
Full Standby Power Supply Current
(CMOS Level)
CS >
VHC, VCC = Max.,
VIN < VLC or VIN > VHC, f = 0
SA
2
2
10
2
10
mA
LA
_____
0.1
0.9
0.1
0.9
3089 tbl 08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com