Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55TDB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 6116LA55TDB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55TDB Datasheet(HTML) 4 Page - Renesas Technology Corp

  6116LA55TDB Datasheet HTML 1Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 2Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 3Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 4Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
NOTES:
1. TA = + 25°C
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
DC Electrical Characteristics(1)(continued)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC - 0.2V)
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC, only address inputs are toggling at fMAX, f = 0 means address inputs are not changing.
Data Retention Characteristics Over All Temperature Ranges
(LA Version Only) (VLC = 0.2V, VHC = VCC – 0.2V)
Typ.(1)
VCC @
Max.
VCC @
Symbol
Parameter
Test Condition
Min.
2.0V
3.0V
2.0V
3.0V
Unit
VDR
VCC for Data Retention
____
2.0
____
____
____
____
V
ICCDR
Data Retention Current
MIL.
COM'L.
____
____
0.5
0.5
1.5
1.5
200
20
300
30
μA
tCDR(3)
Chip Deselect to Data
Retention Time
CS > VHC
VIN > VHC or < VLC
____
0
____
____
____
ns
tR(3)
Operation Recovery Time
tRC(2)
____
____
____
____
ns
IILII
Input Leakage Current
____
____
____
22
μA
3089 tbl 10
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
w
o
P
5
3
A
S
6
1
1
6
5
3
A
L
6
1
1
6
5
4
A
S
6
1
1
6
5
4
A
L
6
1
1
6
5
5
A
S
6
1
1
6
5
5
A
L
6
1
1
6
0
7
A
S
6
1
1
6
0
7
A
L
6
1
1
6
0
9
A
S
6
1
1
6
0
9
A
L
6
1
1
6
0
2
1
A
S
6
1
1
6
0
2
1
A
L
6
1
1
6
0
5
1
A
S
6
1
1
6
0
5
1
A
L
6
1
1
6
t
i
n
U
y
l
n
O
l
i
My
l
n
O
l
i
My
l
n
O
l
i
My
l
n
O
l
i
My
l
n
O
l
i
My
l
n
O
l
i
My
l
n
O
l
i
M
I
1
C
C
y
l
p
p
u
S
r
e
w
o
P
g
n
it
a
r
e
p
O
,t
n
e
r
r
u
C
S
C < V LI,
n
e
p
O
s
t
u
p
t
u
O
V C
C
f
,
.
x
a
M
=
=
0
A
S0
90
90
90
90
90
90
9
A
m
A
L5
85
85
85
85
85
85
8
I
2
C
C
g
n
it
a
r
e
p
O
c
i
m
a
n
y
D
,t
n
e
r
r
u
C
S
C < V LI,
n
e
p
O
s
t
u
p
t
u
O
V C
C
f
=
f
,
.
x
a
M
=
X
A
M
)
2
(
A
S5
1
10
0
10
0
10
0
10
0
10
0
10
9
A
m
A
L5
0
15
90
90
95
85
85
8
I B
S
y
l
p
p
u
S
r
e
w
o
P
y
b
d
n
a
t
S
)
l
e
v
e
L
L
T
T
(
t
n
e
r
r
u
C
S
C > V H
I
n
e
p
O
s
t
u
p
t
u
O
,
V C
C
f
=
f
,
.
x
a
M
=
X
A
M
)
2
(
A
S5
35
25
25
25
25
25
2
A
m
A
L0
30
20
20
25
25
15
1
I
1
B
S
r
e
w
o
P
y
b
d
n
a
t
S
ll
u
F
S
O
M
C
(
t
n
e
r
r
u
C
y
l
p
p
u
S
,
)
l
e
v
e
L
S
C > V C
H
,
V C
C
V
,
.
x
a
M
=
N
I
< V C
L
V
r
o
N
I
> V C
H
0
=
f
,
A
S0
10
10
10
10
10
10
1
A
m
A
L9
.
09
.
09
.
09
.
09
.
09
.
09
.
0
9
0
l
b
t
9
8
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com