Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6116LA55TDB Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 6116LA55TDB
Description  CMOS Static RAM 16K (2K x 8-Bit)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6116LA55TDB Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 6116LA55TDB Datasheet HTML 5Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 6Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 7Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 8Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 9Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 10Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 11Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 12Page - Renesas Technology Corp 6116LA55TDB Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
Jul.17.20
Ordering Information — Military
Ordering Information — Commercial & Industrial
B
TD
D
20*
25
35
45
55
70
90
120
150
SA
LA
Military (-55
°C to +125°C)
Compliant to MIL-STD-883, Class B
300 mil CERDIP (SD24)
600 mil CERDIP (CD24)
Standard Power
Low Power
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 11
Speed in nanoseconds
X
Blank
Tube
Blank
I(1)
TP
SO
15*
20
25
SA
LA
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
300 mil Plastic DIP (PTG24)
300 mil Small Outline IC, Gull-Wing Bend (PSG24)
Standard Power
Low Power
6116
Device Type
XX
Power
XXX
Speed
X
Package
X
Process/
Temperature
Range
3089 drw 12
Speed in nanoseconds
*Available in commercial temperature range and standard power only.
X
G
Green
Blank
8
Tube
Tape and Reel
X
NOTE:
1. Contact your local sales office for industrial temp range for other speeds, packages and powers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com