Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24512
Description  512 Kbit Serial I® Bus EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24512 Datasheet HTML 11Page - STMicroelectronics M24512 Datasheet HTML 12Page - STMicroelectronics M24512 Datasheet HTML 13Page - STMicroelectronics M24512 Datasheet HTML 14Page - STMicroelectronics M24512 Datasheet HTML 15Page - STMicroelectronics M24512 Datasheet HTML 16Page - STMicroelectronics M24512 Datasheet HTML 17Page - STMicroelectronics M24512 Datasheet HTML 18Page - STMicroelectronics M24512 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15/24
M24512
Table 11. Input Parameters
Note: 1. TA = 25 °C, f = 400 kHz
2. Sampled only, not 100% tested.
3. E2,E1,E0: Input impedance when the memory is selected (after a Start condition).
Table 12. DC Characteristics (M24512 – W)
Note: 1. When the device is selected (after a START condition), the Ei inputs have a different input impedance, as defined in Table 11.
Table 13. DC Characteristics(1) (M24512 – R)
Note: 1. The information contained in Table 13. is related to the new M24512 (process letter “A”) and is subject to change without previous
notice.
Symbol
Parameter(1,2)
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZL(3)
Input Impedance
(E2, E1, E0, WC)
VIN < 0.3VCC
30
k
Ω
ZH(3)
Input Impedance
(E2, E1, E0, WC)
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E0, E1, E2)
VIN = VSS or VCC
device in Standby mode(1)
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC = 2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
VCC = 5.5V, fc=400kHz (rise/fall time < 30ns)
2mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 2.5 V
2µA
VIN = VSS or VCC , VCC = 5.5 V
5
µA
VIL
Input Low Voltage
(SCL, SDA, WC)
–0.45
0.3VCC
V
VIH
Input High Voltage
(SCL, SDA, WC)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 2.1 mA, VCC = 2.5 V
0.4
V
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
VIN = VSS or VCC
device in Stand-by mode
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =1.8V, fc = 400kHz (rise/fall time <
30ns)
1mA
ICC1
Standby Supply Current
VIN = VSS or VCC , VCC = 1.8 V
2µA
VIL
Input Low Voltage
–0.45
0.3 VCC
V
VIH
Input High Voltage
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com