Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M24512
Description  512 Kbit Serial I® Bus EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M24512 Datasheet HTML 16Page - STMicroelectronics M24512 Datasheet HTML 17Page - STMicroelectronics M24512 Datasheet HTML 18Page - STMicroelectronics M24512 Datasheet HTML 19Page - STMicroelectronics M24512 Datasheet HTML 20Page - STMicroelectronics M24512 Datasheet HTML 21Page - STMicroelectronics M24512 Datasheet HTML 22Page - STMicroelectronics M24512 Datasheet HTML 23Page - STMicroelectronics M24512 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
M24512
22/24
PART NUMBERING
Table 20. Ordering Information Scheme
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M24512
–
W MW 6
T
P
Device Type
M24 = I2C serial access EEPROM
Device Function
512 = 512 Kbit (64K x 8)
Operating Voltage
W = VCC = 2.5 to 5.5V
R = VCC = 1.8 to 5.5V
Package
BN = PDIP8
MW = SO8 (208 mil width)
MN = SO8 (150 mil body width)
DW = TSSOP8
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
blank = Standard SnPb plating
P or G = Lead-Free and RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com