Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27128A Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27128A
Description  NMOS 128K 16K x 8 UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27128A Datasheet(HTML) 1 Page - STMicroelectronics

  M27128A Datasheet HTML 1Page - STMicroelectronics M27128A Datasheet HTML 2Page - STMicroelectronics M27128A Datasheet HTML 3Page - STMicroelectronics M27128A Datasheet HTML 4Page - STMicroelectronics M27128A Datasheet HTML 5Page - STMicroelectronics M27128A Datasheet HTML 6Page - STMicroelectronics M27128A Datasheet HTML 7Page - STMicroelectronics M27128A Datasheet HTML 8Page - STMicroelectronics M27128A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AI00769B
14
A0-A13
P
Q0-Q7
VPP
VCC
M27128A
G
E
VSS
8
Figure 1. Logic Diagram
M27128A
NMOS 128K (16K x 8) UV EPROM
FAST ACCESS TIME: 200ns
EXTENDED TEMPERATURE RANGE
SINGLE 5 V SUPPLY VOLTAGE
LOW STANDBY CURRENT: 40mA max
TTL COMPATIBLE DURING READ and
PROGRAM
FAST PROGRAMMING ALGORITHM
ELECTRONIC SIGNATURE
PROGRAMMING VOLTAGE: 12V
DESCRIPTION
The M27128A is a 131,072 bit UV erasable and
electrically programmable memory EPROM. It is
organized as 16,384 words by 8 bits.
The M27128A is housed in a 28 Pin Window Ce-
ramic Frit-Seal Dual-in-Line package. The trans-
parent lid allows the user to expose the chip to
ultraviolet light to erase the bit pattern. A new
pattern can then be written to the device by follow-
ing the programming procedure.
A0 - A13
Address Inputs
Q0 - Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
1
28
FDIP28W (F)
March 1995
1/10


Similar Part No. - M27128A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
M27128A INTEL-M27128A Datasheet
555Kb / 9P
Advanced 128K(16 x 8) UV Erasable PROM
logo
STMicroelectronics
M27128A-1F1 STMICROELECTRONICS-M27128A-1F1 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27128A-1F6 STMICROELECTRONICS-M27128A-1F6 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
logo
Intel Corporation
M27128A-20 INTEL-M27128A-20 Datasheet
555Kb / 9P
Advanced 128K(16 x 8) UV Erasable PROM
More results

Similar Description - M27128A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
8,192 x 8-BIT NMOS UV/OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com