Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BF Datasheet(PDF) 62 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 62 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 58Page - Numonyx B.V SMC032BF Datasheet HTML 59Page - Numonyx B.V SMC032BF Datasheet HTML 60Page - Numonyx B.V SMC032BF Datasheet HTML 61Page - Numonyx B.V SMC032BF Datasheet HTML 62Page - Numonyx B.V SMC032BF Datasheet HTML 63Page - Numonyx B.V SMC032BF Datasheet HTML 64Page - Numonyx B.V SMC032BF Datasheet HTML 65Page - Numonyx B.V SMC032BF Datasheet HTML 66Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
CF-ATA command description
SMCxxxBF
62/91
10.4.23
Word 163: Advanced True IDE Timing mode capabilities and settings
This word describes the capabilities and current settings for CFA defined Advanced Timing
modes using the True IDE interface.
There are four sub-fields that describe the Advanced PIO and Advanced Multi-Word DMA
Timing modes supported and selected:
●
Bits 2-0: Advanced True IDE PIO Mode supported.
The returned value is ‘2h’ to indicate that PIO mode 6 is the highest PIO mode
supported.
●
Bits 5-3: Advanced True IDE Multi-Word DMA mode supported.
The returned value is ‘2h’ to indicate that Multi-Word DMA mode 4 is the highest Multi-
Word DMA mode supported.
●
Bits 8-6: Advanced True IDE PIO mode selected.
These bits indicate the current True IDE PIO mode selected on the Card.
●
Bits 11-9: Advanced True IDE Multi-Word DMA mode selected.
These bits indicate the current True IDE Multi-Word DMA mode selected on the Card.
10.4.24
Word 164: Advanced PCMCIA I/O and Memory Timing modes
capabilities and settings
This Word describes the capabilities and current settings for CFA defined Advanced Timing
modes using the Memory and PCMCIA I/O interface:
●
Bits 2-0: maximum Advanced PCMCIA I/O mode supported.
The returned value is ‘3h’ to indicate that 80ns is the maximum I/O timing mode
supported by the Card.
●
Bits 5-3: maximum PCMCIA Memory timing mode supported.
The returned value is ‘3h’ to indicate that 80ns is the maximum PCMCIA Memory
timing mode supported by the Card.
Table 53.
Identify Drive
Bit
7
6
5432
1
0
Command (7)
ECh
C/D/H (6)
X
Drive
X
Cyl High (5)
X
Cyl Low (4)
X
Sect Num (3)
X
Sect Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com