Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BF Datasheet(PDF) 21 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 21 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 17Page - Numonyx B.V SMC032BF Datasheet HTML 18Page - Numonyx B.V SMC032BF Datasheet HTML 19Page - Numonyx B.V SMC032BF Datasheet HTML 20Page - Numonyx B.V SMC032BF Datasheet HTML 21Page - Numonyx B.V SMC032BF Datasheet HTML 22Page - Numonyx B.V SMC032BF Datasheet HTML 23Page - Numonyx B.V SMC032BF Datasheet HTML 24Page - Numonyx B.V SMC032BF Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
SMCxxxBF
Electrical interface
21/91
–VS1, –VS2
(PC Card Memory Mode)
O
33,40
Voltage Sense Signals.–VS1 is grounded so that the CIS
can be read at 3.3 volts and –VS2 is reserved by PCMCIA
for a secondary voltage.
–VS1, –VS2
(PC Card I/O Mode)
Same for all modes.
–VS1, –VS2
(True IDE Mode)
Same for all modes.
–WAIT
(PC Card Memory Mode)
O
42
Numonyx CF does not assert the WAIT (IORDY) signal
–WAIT
(PC Card I/O Mode)
IORDY
(True IDE Mode)
–WE
(PC Card Memory Mode)
I36
Driven by the host to strobe memory write data to the
registers.
–WE
(PC Card I/O Mode)
Used for writing to the configuration registers.
–WE
(True IDE Mode)
Not used, should be connected to VCC by the host.
WP
(PC Card Memory Mode)
O24
No write protect switch available. It is held Low after the
completion of the reset initialization sequence.
–IOIS16
(PC Card I/O Mode)
Used for the 16 bit Port (–IOIS16) function. Low indicates
that a 16 bit or odd Byte only operation can be performed at
the addressed port.
–IOCS16
(True IDE Mode)
Asserted Low when the Card is expecting a Word data
transfer cycle.
Table 9.
Signal Description (continued)
Signal Name
Dir.
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com