Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC032BF Datasheet(PDF) 13 Page - Numonyx B.V

Part # SMC032BF
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC032BF Datasheet(HTML) 13 Page - Numonyx B.V

Back Button SMC032BF Datasheet HTML 9Page - Numonyx B.V SMC032BF Datasheet HTML 10Page - Numonyx B.V SMC032BF Datasheet HTML 11Page - Numonyx B.V SMC032BF Datasheet HTML 12Page - Numonyx B.V SMC032BF Datasheet HTML 13Page - Numonyx B.V SMC032BF Datasheet HTML 14Page - Numonyx B.V SMC032BF Datasheet HTML 15Page - Numonyx B.V SMC032BF Datasheet HTML 16Page - Numonyx B.V SMC032BF Datasheet HTML 17Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
SMCxxxBF
Capacity specification
13/91
2
Capacity specification
This section Table 6 shows the specific capacity for the various CF models and the default
number of heads, sector/tracks and cylinders.
Table 6.
CF capacity specification
Part
Number
Capacity
Default_cylinders Default_heads
Default_sectors
_track
Sectors_card
Total
addressable
capacity
(Byte)
SMC032BF
32MB
490
4
32
62,720
32,112,640
SMC064BF
64MB
490
8
32
125,440
64,225,280
SMC128BF
128MB
980
8
32
250,880
128,450,560
SMC256BF
256MB
980
16
32
501,760
256,901,120
SMC512BF
512MB
993
16
63
1,000,944
512,483,328
SMC01GBF
1GB
1,986
16
63
2,001,888
1,024,966,656
SMC02GBF
2GB
3,970
16
63
4,001,760
2,048,901,120
SMC04GBF
4GB
7,964
16
63
8,027,712
4,110,188,544
Table 7.
System Reliability and Maintenance
MTBF (at 25°C)
> 3,000,000 hours
Insertions/Removals
> 10,000
Preventive Maintenance
None
Data Reliability
< 1 Non-Recoverable Error per 1014 bits Read
Endurance
0 +70 C > 2000000 Erase/Program Cycles(1)
-40 +85 C > 600000 Erase/Program Cycles(1)
1.
Dependent on final system qualification data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com