Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4P15DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP4P15DF
Description  -150V P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP4P15DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP4P15DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP4P15DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP4P15DF
-150V P-Channel Enhancement Mode MOSFET
AP4P15DF RVE1.0
永源微電子科技有限公司
Description
The AP4P15DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -150V ID =-4A
RDS(ON) < 780mΩ @ VGS=10V (Type:620mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP4P15DF
PDFN3*3-8L
AP4P15DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-150
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25
℃
Continuous Drain Current, -VGS @ -10V1
-4.0
A
ID@TA=70
℃
Continuous Drain Current, -VGS @ -10V1
-2.8
A
IDM
Pulsed Drain Current2
-12
A
EAS
Single Pulse Avalanche Energy3
56.5
mJ
IAS
Avalanche Current
5
A
PD@TA=25
℃
Total Power Dissipation4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
62
℃
/W
RθJC
Thermal Resistance Junction-Case1
40
℃
/W


Similar Part No. - AP4P15DF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4P012LEH A-POWER-AP4P012LEH Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LEP A-POWER-AP4P013LEP Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P013LES A-POWER-AP4P013LES Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016H A-POWER-AP4P016H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4P016I A-POWER-AP4P016I Datasheet
71Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4P15DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW2P15MI YFWDIODE-YFW2P15MI Datasheet
2Mb / 5P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AD YFWDIODE-YFW7P15AD Datasheet
2Mb / 5P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
YFW7P15AMJ YFWDIODE-YFW7P15AMJ Datasheet
5Mb / 6P
-150V P-CHANNEL ENHANCEMENT MODE MOSFET
Re v:2021Y1
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com