Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M25P10-AVMP6
Description  1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10-AVMP6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M25P10-AVMP6 Datasheet HTML 27Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 28Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 29Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 30Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 31Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 32Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 33Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 34Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31/41
M25P10-A
Table 13. DC Characteristics
Table 14. Instruction Times
Symbol
Parameter
Test Condition
(in addition to those in Table 10.)
Min.
Max.
Unit
ILI
Input Leakage Current
± 2
µA
ILO
Output Leakage Current
± 2
µA
ICC1
Standby Current
S = VCC, VIN = VSS or VCC
50
µA
ICC2
Deep Power-down Current
S = VCC, VIN = VSS or VCC
5µA
ICC3
Operating Current (READ)
C=0.1VCC / 0.9.VCC at 50MHz,
Q = open
8mA
C=0.1VCC / 0.9.VCC at 20MHz,
Q = open
4mA
ICC4
Operating Current (PP)
S = VCC
15
mA
ICC5
Operating Current (WRSR)
S = VCC
15
mA
ICC6
Operating Current (SE)
S = VCC
15
mA
ICC7
Operating Current (BE)
S = VCC
15
mA
VIL
Input Low Voltage
– 0.5
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL = 1.6 mA
0.4
V
VOH
Output High Voltage
IOH = –100
µAVCC–0.2
V
Test conditions specified in Table 10. and Table 11.
Symbol
Alt.
Parameter
Min.
Typ.
Max.
Unit
tW
Write Status Register Cycle Time
5
15
ms
tPP
Page Program Cycle Time
1.4
5
ms
tSE
Sector Erase Cycle Time
0.8
3
s
tBE
Bulk Erase Cycle Time
2.5
6
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com