Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # M25P10-AVMP6
Description  1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10-AVMP6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M25P10-AVMP6 Datasheet HTML 33Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 34Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 35Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 36Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 37Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 38Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 39Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 40Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
M25P10-A
40/41
REVISION HISTORY
Table 21. Document Revision History
Date
Rev.
Description of Revision
25-Feb-2001
1.0
Document written
12-Sep-2002
1.1
VFQFPN8 package (MLP8) added. Clarification of descriptions of entering Standby Power
mode from Deep Power-down mode, and of terminating an instruction sequence or data-out
sequence
13-Dec-2002
1.2
Typical Page Program time improved. Write Protect setup and hold times specified, for
applications that switch Write Protect to exit the Hardware Protection mode immediately before
a WRSR, and to enter the Hardware Protection mode again immediately after
21-Feb-2003
1.3
Erroneous address ranges corrected in Memory Organisation table
24-Nov-2003
2.0
Table of contents, warning about exposed paddle on MLP8, and Pb-free options added.
40MHz AC Characteristics table included as well as 25MHz. ICC3(max), tSE(typ) and tBE(typ)
values improved. Change of naming for VDFPN8 package
08-Mar-2005
3.0
Devices with Process technology Code X added (Read Identification (RDID) and Table
17., AC Characteristics (50MHz Operation)) added.
SO8 narrow package specifications updated.
Notes 1 and 2 removed from Table 20., Ordering Information Scheme. Note 1 to Table
9., Absolute Maximum Ratings changed, note 2 removed and TLEAD values removed.
Small text changes. End timing line of tSHQZ modified in Figure 26., Output Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com