Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P10-AVMP6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M25P10-AVMP6
Description  1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10-AVMP6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M25P10-AVMP6 Datasheet HTML 33Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 34Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 35Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 36Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 37Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 38Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 39Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 40Page - STMicroelectronics M25P10-AVMP6 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
37/41
M25P10-A
PACKAGE MECHANICAL
Figure 27. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline
Note: Drawing is not to scale.
Table 18. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width,
Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
ddd
0.10
0.004
E
3.80
4.00
0.150
0.157
e
1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0°
8°
0°
8°
N8
8
SO-A
E
8
ddd
B
e
A
D
C
L
A1
α
1
H
h x 45˚
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com