Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C400 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M27C400
Description  4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C400 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M27C400 Datasheet HTML 6Page - STMicroelectronics M27C400 Datasheet HTML 7Page - STMicroelectronics M27C400 Datasheet HTML 8Page - STMicroelectronics M27C400 Datasheet HTML 9Page - STMicroelectronics M27C400 Datasheet HTML 10Page - STMicroelectronics M27C400 Datasheet HTML 11Page - STMicroelectronics M27C400 Datasheet HTML 12Page - STMicroelectronics M27C400 Datasheet HTML 13Page - STMicroelectronics M27C400 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M27C400
12/14
Table 12. FDIP40W - 40 lead Ceramic Frit-seal DIP with window, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
5.72
0.225
A1
0.51
1.40
0.020
0.055
A2
3.91
4.57
0.154
0.180
A3
3.89
4.50
0.153
0.177
B
0.41
0.56
0.016
0.022
B1
1.45
–
–
0.057
–
–
C
0.23
0.30
0.009
0.012
D
51.79
52.60
2.039
2.071
D2
48.26
–
–
1.900
–
–
E
15.24
–
–
0.600
–
–
E1
13.06
13.36
0.514
0.526
e
2.54
–
–
0.100
–
–
ea.
14.99
–
–
0.590
–
–
be
16.18
18.03
0.637
0.710
L
3.18
–
0.125
–
S
1.52
2.49
0.060
0.098
∅
8.13
–
–
0.320
–
–
α
4°
11°
4°
11°
N40
40
Figure 10. FDIP40W - 40 lead Ceramic Frit-seal DIP with window, Package Outline
Drawing is not to scale.
FDIPW-a
A3
A1
A
L
B1
B
e
D
S
E1
E
N
1
C
α
eA
D2
∅
eB
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com