Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C400 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M27C400
Description  4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C400 Datasheet(HTML) 2 Page - STMicroelectronics

  M27C400 Datasheet HTML 1Page - STMicroelectronics M27C400 Datasheet HTML 2Page - STMicroelectronics M27C400 Datasheet HTML 3Page - STMicroelectronics M27C400 Datasheet HTML 4Page - STMicroelectronics M27C400 Datasheet HTML 5Page - STMicroelectronics M27C400 Datasheet HTML 6Page - STMicroelectronics M27C400 Datasheet HTML 7Page - STMicroelectronics M27C400 Datasheet HTML 8Page - STMicroelectronics M27C400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M27C400
2/14
Figure 2. DIP Connections
Q0
Q8
Q1
Q11
A2
VSS
A1
A0
A14
Q15A–1
A15
A16
Q14
A13
BYTEVPP
VSS
Q7
Q12
Q10
Q9
VCC
G
Q4
Q6
A10
A9
E
A3
A17
A8
A6
AI01635
M27C400
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Q3
Q2
A5
A4
Q13
Q5
40
39
38
37
36
35
34
33
A12
A11
A7
Table 1. Signal Names
A0-A17
Address Inputs
Q0-Q7
Data Outputs
Q8-Q14
Data Outputs
Q15A–1
Data Output / Address Input
E
Chip Enable
G
Output Enable
BYTEVPP
Byte Mode / Program Supply
VCC
Supply Voltage
VSS
Ground
DEVICE OPERATION
The operating modes of the M27C400 are listed in
the Operating Modes Table. A single power supply
is required in the read mode. All inputs are TTL
compatible except for VPP and 12V on A9 for the
Electronic Signature.
Read Mode
The M27C400 has two organisations, Word-wide
and Byte-wide. The organisation is selected by the
signal level on the BYTEVPP pin. When BYTEVPP
is at VIH the Word-wide organisation is selected
and the Q15A–1 pin is used for Q15 Data Output.
When the BYTEVPP pin is at VIL the Byte-wide or-
ganisation is selected and the Q15A–1 pin is used
for the Address Input A–1. When the memory is
logically regarded as 16 bit wide, but read in the
Byte-wide organisation, then with A–1 at VIL the
lower 8 bits of the 16 bit data are selected and with
A–1 at VIH the upper 8 bits of the 16 bit data are
selected.
The M27C400 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. In addition the Word-wide or
Byte-
wide
organisation
must
be
selected.
Chip Enable (E) is the power control and should be
used for device selection. Output Enable (G) is the
output control and should be used to gate data to
the output pins independent of device selection.
Assuming that the addresses are stable, the ad-
dress access time (tAVQV) is equal to the delay
from E to output (tELQV). Data is available at the
output after a delay of tGLQV from the falling edge
of G, assuming that E has been low and the ad-
dresses have been stable for at least tAVQV-tGLQV.
Standby Mode
The M27C400 has a standby mode which reduces
the supply current from 50mA to 100µA. The
M27C400 is placed in the standby mode by apply-
ing a CMOS high signal to the E input. When in the
standby mode, the outputs are in a high imped-
ance state, independent of the G input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com