Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C400 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C400
Description  4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C400 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C400 Datasheet HTML 1Page - STMicroelectronics M27C400 Datasheet HTML 2Page - STMicroelectronics M27C400 Datasheet HTML 3Page - STMicroelectronics M27C400 Datasheet HTML 4Page - STMicroelectronics M27C400 Datasheet HTML 5Page - STMicroelectronics M27C400 Datasheet HTML 6Page - STMicroelectronics M27C400 Datasheet HTML 7Page - STMicroelectronics M27C400 Datasheet HTML 8Page - STMicroelectronics M27C400 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
May 1999
M27C400
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
s
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
s
ACCESS TIME: 55ns
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
4 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 70mA at 8MHz
– Stand-by Current 100µA
s
PROGRAMMING VOLTAGE: 12.5V ± 0.25V
s
PROGRAMMING TIME: 100µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B8h
DESCRIPTION
The M27C400 is an 4 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large data or program
storage. It is organised as either 512 Kwords of 8
bit or 256 Kwords of 16 bit. The pin-out is compat-
ible with the most common 8 Mbit Mask ROM.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern.
A new pattern can then be written rapidly to the de-
vice by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M27C400 is offered in PDIP40 package.
1
40
1
40
FDIP40W (F)
PDIP40 (B)
Figure 1. Logic Diagram
AI01634
18
A0-A17
BYTEVPP
Q0-Q14
VCC
M27C400
G
E
VSS
15
Q15A–1


Similar Part No. - M27C400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C4001-10B1 STMICROELECTRONICS-M27C4001-10B1 Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
M27C4001-10B1 STMICROELECTRONICS-M27C4001-10B1 Datasheet
215Kb / 24P
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
28-Mar-2006
M27C4001-10B1TR STMICROELECTRONICS-M27C4001-10B1TR Datasheet
158Kb / 17P
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
29-Nov-2000
More results

Similar Description - M27C400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
19-Jan-2000
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com