Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADDC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC8309CVMADDC Datasheet HTML 1Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 2Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
5
Overview
— Six groups of interrupts with programmable priority
— External and internal interrupts directed to host processor
— Unique vector number for each interrupt source
•PCI interface
— Designed to comply with PCI Local Bus Specification, Revision 2.3
— 32-bit PCI interface operating at up to 66 MHz
— PCI 3.3-V compatible
— Not 5-V compatible
— Support for host and agent modes
— Support for PCI-to-memory and memory-to-PCI streaming
— Memory prefetching of PCI read accesses and support for delayed read transactions
— Support for posting of processor-to-PCI and PCI-to-memory writes
— On-chip arbitration, supporting three masters on PCI
— Arbiter support for two-level priority request/grant signal pairs
— Support for accesses to all PCI address spaces
— Support for parity
— Selectable hardware-enforced coherency
— Address translation units for address mapping between host and peripheral
— Mapping from an external 32-/64-bit address space to the internal 32-bit local space
— Support for dual address cycle (DAC) (as a target only)
— Internal configuration registers accessible from PCI
— Selectable snooping for inbound transactions
— Four outbound Translation Address Windows
– Support for mapping 32-bit internal local memory space to an external 32-bit PCI address
space and translating that address within the PCI space
— Four inbound Translation Address Windows corresponding to defined PCI BARs
– The first BAR is 32-bits and dedicated to on-chip register access
– The second BAR is 32-bits for general use
– The remaining two BARs may be 32- or 64-bits and are also for general use
•
Enhanced secure digital host controller (eSDHC)
— Compatible with the SD Host Controller Standard Specification Version 2.0 with test event
register support
— Compatible with the MMC System Specification Version 4.2
— Compatible with the SD Memory Card Specification Version 2.0 and supports the high capacity
SD memory card
— Compatible with the SD Input/Output (SDIO) Card Specification, Version 2.0
— Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD Combo, MMC,
MMCplus, and RS-MMC cards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com