Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADDC Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 48Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 49Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 50Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 51Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 52Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 53Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 54Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 55Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
52
Freescale Semiconductor
Package and Pin Listings
22 Package and Pin Listings
This section details package parameters, pin assignments, and dimensions. The MPC8309 is available in
a thermally enhanced MAPBGA (mold array process-ball grid array); see Section 22.1, “Package
Parameters for the MPC8309,” and Section 22.2, “Mechanical Dimensions of the MPC8309 MAPBGA,”
for information on the MAPBGA.
22.1
Package Parameters for the MPC8309
The package parameters are as provided in the following list.
Package outline
19 mm
19 mm
Package Type
MAPBGA
Interconnects
489
Pitch
0.80 mm
Module height (typical)
1.48 mm; Min = 1.31mm and Max 1.61mm
Solder Balls
96 Sn / 3.5 Ag / 0.5 Cu (VM package)
Ball diameter (typical)
0.40 mm
22.2
Mechanical Dimensions of the MPC8309 MAPBGA
The following figure shows the mechanical dimensions and bottom surface nomenclature of the
MPC8309, 489-MAPBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com