Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8309CVMADDC Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 65Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 66Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 67Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 68Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 69Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 70Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 71Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 72Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
69
Clocking
23.5
Core PLL Configuration
RCWL[COREPLL] selects the ratio between the internal coherent system bus clock (csb_clk) and the e300
core clock (core_clk). The following table shows the encodings for RCWL[COREPLL]. COREPLL
values not listed, and should be considered reserved.
Table 59. CSB Frequency Options
SPMF
csb_clk : sys_clk_in Ratio
PCI_SYNC_IN(MHz)
25
33.33
66.67
csb_clk Frequency (MHz)
0010
2:1
133
0011
3:1
0100
4:1
133
0101
5:1
125
167
0110
6:1
Table 60. e300 Core PLL Configuration
RCWL[COREPLL]
core_clk : csb_clk Ratio
VCO Divider
0-1
2-5
6
nn
0000
n
PLL bypassed
(PLL off, csb_clk clocks core directly)
PLL bypassed
(PLL off, csb_clk clocks core directly)
00
0001
0
1:1
2
01
0001
0
1:1
4
10
0001
0
1:1
8
11
0001
0
1:1
8
00
0001
1
1.5:1
 2
01
0001
1
1.5:1
 4
10
0001
1
1.5:1
 8
11
0001
1
1.5:1
 8
00
0010
0
2:1
 2
01
0010
0
2:1
 4
10
0010
0
2:1
 8
11
0010
0
2:1
 8
00
0010
1
2.5:1
 2
01
0010
1
2.5:1
 4
10
0010
1
2.5:1
 8
11
0010
1
2.5:1
 8
00
0011
0
3:1
 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com