Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910G Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6910G
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910G Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6910G Datasheet HTML 12Page - STMicroelectronics L6910G Datasheet HTML 13Page - STMicroelectronics L6910G Datasheet HTML 14Page - STMicroelectronics L6910G Datasheet HTML 15Page - STMicroelectronics L6910G Datasheet HTML 16Page - STMicroelectronics L6910G Datasheet HTML 17Page - STMicroelectronics L6910G Datasheet HTML 18Page - STMicroelectronics L6910G Datasheet HTML 19Page - STMicroelectronics L6910G Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
L6910G
16/26
Table 9. Part List
Table 10. Other inductor manufacturer
Reference
Description
Manufacturer
Resistor
R1
2K7 Ohm 0805 5% 125mW
NEOHM
(Vout = 2.5V)
1K8 Ohm 0805 5% 125mW
NEOHM
(Vout = 3.3V)
1K Ohm 0805 5% 125mW
NEOHM
(Vout = 5V)
R2
10K 5% 125mW
NEOHM
SMD 0805
R3
4K7 5% 125mW
NEOHM
SMD 0805
R4
4K7 5% 125mW
NEOHM
SMD 0805
R5
2K7 5% 125mW
NEOHM
SMD 0805
R6
10 Ohm 5% 125mW
NEOHM
SMD 0805
R7
680 Ohm 5% 125mW
NEOHM
SMD 0805
R8 R9
2.2 Ohm 5% 125mW
NEOHM
SMD 0805
R10
N.C
R11
N.C
Capacitors
C1,C2
10
µF 25V
TOKIN
C34Y5U1E106ZTE12
C3,C4
100
µF - 6.3V
POSCAP 6TPB100M
SMD7343
C5,C6,C9
100nF
KEMET
SMD0805
C7,C8
1nF
KEMET
SMD0805
C10
N.C
C18
1.5nF
KEMET
SMD0805
C19
15nF
KEMET
SMD0805
C20
47nF
KEMET
SMD0805
Magnetics
L1
7µH (T50-52B Core, 12T AWG 21)
MICROMETALS
Transistor
Q1
STS8DNF3LL
ST
Diodes
D1
1N4148
SOT23
D2
STPS2L25U
ST
SMB
Device
U1
Device L6910G
ST
SO16Narrow
Manufacturer
Series
Inductor Value (
µH)
Saturation Current (A)
WÜRTH ELEKTRONIK
744 382
4.8 to 5.8
7.5 to 8
PANASONIC
ETQP6F
4.6 to 6.4
9.3 to 7.9
SUMIDA
CDEP134-H
6 to 8
7.2 to 9.6
COILCRAFT
DO3316P-472HC
4.7
5.4
DO3340P
10 to 22
8 to 5.5
COILTRONICS
DR125-8R2
8.2
7.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com