Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910G Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6910G
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910G Datasheet(HTML) 2 Page - STMicroelectronics

  L6910G Datasheet HTML 1Page - STMicroelectronics L6910G Datasheet HTML 2Page - STMicroelectronics L6910G Datasheet HTML 3Page - STMicroelectronics L6910G Datasheet HTML 4Page - STMicroelectronics L6910G Datasheet HTML 5Page - STMicroelectronics L6910G Datasheet HTML 6Page - STMicroelectronics L6910G Datasheet HTML 7Page - STMicroelectronics L6910G Datasheet HTML 8Page - STMicroelectronics L6910G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
L6910G
2/26
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
(*) Device soldered on 1 S2P PC board
Figure 3. Pins Connection (Top view)
Symbol
Parameter
Value
Unit
Vcc
Vcc to GND, PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
VHGATE-VPHASE
15
V
OCSET, LGATE, PHASE
-0.3 to Vcc+0.3
V
SS, FB, PGOOD, VREF, EAREF, RT
7
V
COMP
6.5
V
Tj
Junction Temperature Range
-40 to 150
°C
Tstg
Storage temperature range
-40 to 150
°C
Ptot
Maximum power dissipation at Tamb = 25
°C1
W
OCSET PIN
Maximum Withstanding Voltage Range
Test Condition: CDF-AEC-Q100-002”Human Body Model”
Acceptance Criteria: “Normal Performance”
±1000
V
OTHER PINS
±2000
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
120
°C/W
VREF
OSC
OCSET
SS/INH
COMP
GND
FB
EAREF
PGOOD
PHASE
BOOT
HGATE
PGND
LGATE
VCC
N.C.
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
D03IN1510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com