Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910G Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6910G
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910G Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6910G Datasheet HTML 13Page - STMicroelectronics L6910G Datasheet HTML 14Page - STMicroelectronics L6910G Datasheet HTML 15Page - STMicroelectronics L6910G Datasheet HTML 16Page - STMicroelectronics L6910G Datasheet HTML 17Page - STMicroelectronics L6910G Datasheet HTML 18Page - STMicroelectronics L6910G Datasheet HTML 19Page - STMicroelectronics L6910G Datasheet HTML 20Page - STMicroelectronics L6910G Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
L6910G
Figure 18. PCB and Components Layouts
7.1 Compact Demo Board Performances
Figures 19, 20 show the measured efficiency versus load current for different values of output voltage. The mea-
sure has been done at 5V and 12V input. Output voltage has been changed modifying the value of R1 in the
demo board as reported in the part list.
Figure 19. Efficiency vs. Output Current
Figure 20. Efficiency vs. Output Current
Component Side
Solder Side
70
75
80
85
90
95
100
1
234
56
78
Vin=Vcc=5V
Fsw=200KHz
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=3.3V
Vo=2.5V
Output Current (A)
70
75
80
85
90
95
100
1
234
56
78
Vin=Vcc=5V
Fsw=200KHz
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=3.3V
Vo=2.5V
Output Current (A)
70
75
80
85
90
95
12
34
56
7
8
70
75
80
85
90
95
12
34
56
7
8
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vo=5V
Output Current (A)
Vin=Vcc=12V
Fsw=200KHz
Vo=1.2V
Vo=1.5V
Vo=1.8V
Vo=2.5V
Vo=3.3V
Vo=5V
Output Current (A)
Vin=Vcc=12V
Fsw=200KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com