Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661AS Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMA661AS
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMA661AS Datasheet HTML 2Page - STMicroelectronics SMA661AS Datasheet HTML 3Page - STMicroelectronics SMA661AS Datasheet HTML 4Page - STMicroelectronics SMA661AS Datasheet HTML 5Page - STMicroelectronics SMA661AS Datasheet HTML 6Page - STMicroelectronics SMA661AS Datasheet HTML 7Page - STMicroelectronics SMA661AS Datasheet HTML 8Page - STMicroelectronics SMA661AS Datasheet HTML 9Page - STMicroelectronics SMA661AS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical performance
SMA661AS
6/14
Note:
S-Parameter are available on request.
Figure 9.
Current Consumption vs.
Temperature
Figure 10. Gain Power Down vs. Temperature
Figure 11. Power Down Current vs.
Temperature
7.5
7.6
7.7
7.8
7.9
8
8.1
8.2
8.3
8.4
8.5
-40
25
+85
T (°C)
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
-40
25
+85
T (°C)
0
10
20
30
40
50
60
-40
-15
10
35
60
85
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com