Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661AS Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMA661AS
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMA661AS Datasheet HTML 6Page - STMicroelectronics SMA661AS Datasheet HTML 7Page - STMicroelectronics SMA661AS Datasheet HTML 8Page - STMicroelectronics SMA661AS Datasheet HTML 9Page - STMicroelectronics SMA661AS Datasheet HTML 10Page - STMicroelectronics SMA661AS Datasheet HTML 11Page - STMicroelectronics SMA661AS Datasheet HTML 12Page - STMicroelectronics SMA661AS Datasheet HTML 13Page - STMicroelectronics SMA661AS Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package and packing informations
SMA661AS
10/14
5
Package and packing informations
5.1
Package informations
In order to meet environmental requirements, ST offers this device in ECOPACK® package.
This package has a Lead-free second level interconnect. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 16.
SOT666 (Lead-Free) package outline
Table 6.
SOT666 (Lead-free) mechanical data
DIM.
mm.
MIN.
TYP
MAX.
A
0.45
0.60
A3
0.08
018
b
0.17
0.27
b1
0.27
0.34
D
1.50
1.70
E
1.50
1.70
E1
1.10
1.30
e0.50
L1
0.19
L2
0.10
0.30
L3
0.10
E1
E
L2
D
A
A3
b1
0.10
b
M
e
A
L1
L3
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com