Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA661AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA661AS
Description  Fully integrated GPS LNA IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Datasheet(HTML) 1 Page - STMicroelectronics

  SMA661AS Datasheet HTML 1Page - STMicroelectronics SMA661AS Datasheet HTML 2Page - STMicroelectronics SMA661AS Datasheet HTML 3Page - STMicroelectronics SMA661AS Datasheet HTML 4Page - STMicroelectronics SMA661AS Datasheet HTML 5Page - STMicroelectronics SMA661AS Datasheet HTML 6Page - STMicroelectronics SMA661AS Datasheet HTML 7Page - STMicroelectronics SMA661AS Datasheet HTML 8Page - STMicroelectronics SMA661AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 2007
Rev 4
1/14
14
SMA661AS
Fully integrated GPS LNA IC
Features
■ Power down function
■ Integrated matching networks
■ Low noise figure 1.15 dB @ 1.575 GHz
■ High gain 18 dB @ 1.575 GHz
■ High linearity (IIP3 = +3dBm)
■ Temperature compensated
■ Unconditionally stable
■ ESD protection (HBM ± 2kV)
■ 70 GHz Silicon Germanium Technology
Applications
■ GPS
Description
The SMA661AS is the first low-noise amplifier
with integrated matching networks and embedded
power-down function. The chip, which requires
only one external input capacitor, drastically
reduces the application bill of materials and the
PCB area, resulting in an ideal solution for
compact and cost-effective GPS LNA.
The SMA661AS, using the ST's leading-edge
70GHz SiGe BiCMOS technology, achieves
excellent RF performance at the GPS frequency of
1.575GHz, in terms of power gain, noise Figure
and linearity with a current consumption of 8.5mA.
The device is unconditionally stable and ESD
protected. All these features are steady over the
operating temperature range of -40 oC to +85 oC.
It's housed in ultra-miniature SOT666 plastic
package.
SOT666
(1.65 x 1.2 x 0.57 mm)
Table 1.
Device summary
Part Number
Marking
Package
Packing
SMA661ASTR
661
SOT666
Tape and reel
www.st.com


Similar Part No. - SMA661AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
158Kb / 10P
GPS HIGH GAIN LNA ICs
Oct-2005
SMA661ASTR STMICROELECTRONICS-SMA661ASTR Datasheet
158Kb / 10P
GPS HIGH GAIN LNA ICs
Oct-2005
More results

Similar Description - SMA661AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
FULLY INTEGRATED BALLAST CONTROL IC
logo
Maxim Integrated Produc...
MAX2385 MAXIM-MAX2385 Datasheet
207Kb / 18P
CDMA GPS LNA/Mixers
Rev 0; 10/01
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
logo
International Rectifier
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
Fully integrated GPS LNA IC
27-Mar-2009
logo
International Rectifier
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
logo
STMicroelectronics
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
Fully integrated device transceiver IC
23-Jul-2009
logo
International Rectifier
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
FULLY INTEGRATED BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com