Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP5N50CD Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP5N50CD
Description  500V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP5N50CD Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP5N50CD Datasheet HTML 1Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 2Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 3Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 4Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 5Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 6Page - A POWER MICROELECTRONICS AP5N50CD Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP5N50CD
500V N-Channel Enhancement Mode MOSFET
AP5N50CD REV1.0
永源微電子科技有限公司
Description
The AP5N50CD is silicon N-channel Enhanced
VDMOSFETs, is obtained by the self-aligned planar Technology
which reduce the conduction loss, improve switching
performance and enhance the avalanche energy. The transistor
can be used in various power switching circuit for system
miniaturization and higher efficiency.
General Features
VDS = 500V ID =4.8A
RDS(ON) < 3.2Ω @ VGS=10V (Type:2.6Ω)
Application
Uninterruptible Power Supply(UPS)
Power Factor Correction (PFC)
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP5N50CD
TO-252-3L
AP5N50CD XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage (VGS = 0V)
500
V
ID
Continuous Drain Current
4.8
A
IDM
Pulsed Drain Current
(note1)
15
A
VGS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note2)
57
mJ
IAR
Avalanche Current (note1)
2.4
A
EAR
Repetitive Avalanche Energy note1)
6.4
mJ
PD
Power Dissipation (TC = 25ºC)
32.9
W
TJ, Tstg
Operating Junction and Storage Temperature Range
-55~+150
ºC
RthJC
Thermal Resistance, Junction-to-Case
6.25
ºC/W
RthJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W


Similar Part No. - AP5N50CD

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP5N50BD APME-AP5N50BD Datasheet
825Kb / 7P
500V N-Channel Enhancement Mode MOSFET
AP5N50BNF APME-AP5N50BNF Datasheet
776Kb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
AP5N50D-L APME-AP5N50D-L Datasheet
789Kb / 7P
500V N-Channel Enhancement Mode MOSFET
REV1.0
AP5N50F APME-AP5N50F Datasheet
1Mb / 7P
500V N-Channel Enhancement Mode MOSFE
AP5N50FD APME-AP5N50FD Datasheet
658Kb / 7P
500V NFRD-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP5N50CD

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP13N50 PANJIT-PJP13N50 Datasheet
201Kb / 5P
500V N-Channel Enhancement Mode MOSFET
PJP830 PANJIT-PJP830 Datasheet
216Kb / 6P
500V N-Channel Enhancement Mode MOSFET
PJP840 PANJIT-PJP840 Datasheet
183Kb / 5P
500V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY5N50T HY-HY5N50T Datasheet
151Kb / 4P
500V / 5A N-Channel Enhancement Mode MOSFET
HY8N50T HY-HY8N50T Datasheet
129Kb / 4P
500V / 8.0A N-Channel Enhancement Mode MOSFET
HY13N50T HY-HY13N50T Datasheet
150Kb / 4P
500V / 13A N-Channel Enhancement Mode MOSFET
HY18N50W HY-HY18N50W Datasheet
299Kb / 4P
500V / 18A N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
15N50 WXDH-15N50 Datasheet
1Mb / 12P
15A 500V N-channel Enhancement Mode Power MOSFET
830 WXDH-830 Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
830WB WXDH-830WB Datasheet
1Mb / 12P
5A 500V N-channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com