Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9151-AX Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS9151-AX
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9151-AX Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9151-AX Datasheet HTML 1Page - Renesas Technology Corp PS9151-AX Datasheet HTML 2Page - Renesas Technology Corp PS9151-AX Datasheet HTML 3Page - Renesas Technology Corp PS9151-AX Datasheet HTML 4Page - Renesas Technology Corp PS9151-AX Datasheet HTML 5Page - Renesas Technology Corp PS9151-AX Datasheet HTML 6Page - Renesas Technology Corp PS9151-AX Datasheet HTML 7Page - Renesas Technology Corp PS9151-AX Datasheet HTML 8Page - Renesas Technology Corp PS9151-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PS9151 e
R08DS0108EJ0301 Rev.3.01
Page 3 of 12
May 30, 2018
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number*1
PS9151
PS9151-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products
PS9151
PS9151-F3
PS9151-F3-AX
(Ni/Pd/Au)
Embossed Tape 2 500
pcs/reel
(UL, approved)
PS9151-V
PS9151-V-AX
20 pcs (Tape 20 pcs cut)
UL,
DIN EN 60747-5-5
PS9151-V-F3
PS9151-V-F3-AX
Embossed Tape 2 500
pcs/reel
approved
Note:
1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current 1
IF
20
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VDD
0 to 5.5
V
Output Voltage
VO
0.5 to VDD+0.5
V
Output Current
IO
2
mA
Isolation Voltage *2
BV
3 750
Vr.m.s.
Operating Ambient Temperature
TA
40 to +100
C
Storage Temperature
Tstg
55 to +125
C
Notes:
1. Reduced to 0.8 mA/C at TA = 95C or more.
. AC voltage for 1 minute at TA = 25C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-5 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward Current
IF
10
16
mA
Supply Voltage
VDD
4.5
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com