Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9151-AX Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9151-AX
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9151-AX Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9151-AX Datasheet HTML 1Page - Renesas Technology Corp PS9151-AX Datasheet HTML 2Page - Renesas Technology Corp PS9151-AX Datasheet HTML 3Page - Renesas Technology Corp PS9151-AX Datasheet HTML 4Page - Renesas Technology Corp PS9151-AX Datasheet HTML 5Page - Renesas Technology Corp PS9151-AX Datasheet HTML 6Page - Renesas Technology Corp PS9151-AX Datasheet HTML 7Page - Renesas Technology Corp PS9151-AX Datasheet HTML 8Page - Renesas Technology Corp PS9151-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PS9151 e
R08DS0108EJ0301 Rev.3.01
Page 4 of 12
May 30, 2018
ELECTRICAL CHARACTERISTICS (TA =
40 to +100C, VDD = 4.5 to 5.5 V, unless
otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
C
10
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
C
30
pF
Detector
High Level Supply
Current
IDDH
IF = 0 mA
2.5
5
mA
Low Level Supply Current
IDDL
IF = 10 mA,
2
5
High Level Output
Voltage
ICCH
IO =
20
A, IF = 0 mA
4
5
V
Low Level Output
Voltage
VOL
IO = 20
A, IF = 10 mA
0
0.1
Coupled
Threshold Input Voltage
IFHL
VO
 1 V
2.2
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
C
1011
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
C
0.6
pF
Propagation Delay Time
(H
 L)*2
tPHL
IF = 10 mA, VDD = 5 V, CL = pF,
CMOS Levels
35
60
ns
Propagation Delay Time
(L
 H)*2
tPLH
35
60
Pulse Width Distortion
(PWD)*2
tPHL–tPLH
3
30
Propagation Delay Skew
tPSK
40
Rise Time
tr
4
Fall Time
tf
4
Common Mode
Transient Immunity at
High Level Output*3
CMH
VDD = 5 V, IF = 0 mA,
VCM = 1 kV, VO
 4 V,
TA = 25
C
15
20
kV/
s
Common Mode
Transient Immunity at
Low Level Output*3
CML
VDD = 5 V, IF = 10 mA,
VCM = 1 kV, VO
 1 V,
TA = 25
C
15
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com