Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9151-AX Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9151-AX
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9151-AX Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9151-AX Datasheet HTML 1Page - Renesas Technology Corp PS9151-AX Datasheet HTML 2Page - Renesas Technology Corp PS9151-AX Datasheet HTML 3Page - Renesas Technology Corp PS9151-AX Datasheet HTML 4Page - Renesas Technology Corp PS9151-AX Datasheet HTML 5Page - Renesas Technology Corp PS9151-AX Datasheet HTML 6Page - Renesas Technology Corp PS9151-AX Datasheet HTML 7Page - Renesas Technology Corp PS9151-AX Datasheet HTML 8Page - Renesas Technology Corp PS9151-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PS9151 e
R08DS0108EJ0301 Rev.3.01
Page 5 of 12
May 30, 2018
Notes: *1. Typical values at TA = 25
C
*2. Test circuit for propagation delay time
Remark
CL includes probe and stray wiring capacitance.
*3. Test circuit for common mode transient immunity
Remark
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
F or more is used between VCC and GND near device. Also, ensure that the distance
between the leads of the photocoupler and capacitor is 10 mm or less.
3. When VDD is lower than around 2 V, the output(Vo) of this product is unstable, and this might produce undesirable
operation. Be sure to check the operation of an IC or a discrete component that is connected to this product during
Power-up and Power-down process. And we recommend to use a disable function (shutdown function ) of the
connected IC or a reset IC to avoid this undesirable operation.
4. Avoid storage at a high temperature and high humidity.
5. Do not use adhesives or coating materials including halogens to fix this device.
Input
Output
50%
2.5 V
VOL
tPHL
tPLH
IF = 10 mA
(PW = 100 ns,
Duty cycle = 50%)
Pulse input (IF)
Input
(Monitor)
VO (Monitor)
VDD = 5 V
CL = 15 pF
SHIELD
5
3
1
2
0.1 F
47 Ω
90%
10%
1 kV
0 V
VOH
4 V
1 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 10 mA)
tr
tf
VO (Monitor)
VDD = 5 V
CL = 15 pF
SW
IF
VCM
SHIELD
5
3
1
2
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com