Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V160
Description  16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V160 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V160 Datasheet HTML 1Page - STMicroelectronics M27V160 Datasheet HTML 2Page - STMicroelectronics M27V160 Datasheet HTML 3Page - STMicroelectronics M27V160 Datasheet HTML 4Page - STMicroelectronics M27V160 Datasheet HTML 5Page - STMicroelectronics M27V160 Datasheet HTML 6Page - STMicroelectronics M27V160 Datasheet HTML 7Page - STMicroelectronics M27V160 Datasheet HTML 8Page - STMicroelectronics M27V160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
March 2000
M27V160
16 Mbit (2Mb x8 or 1Mb x16)
Low Voltage UV EPROM and OTP EPROM
s
3V to 3.6V LOW VOLTAGE in READ
OPERATION
s
ACCESS TIME: 100ns
s
BYTE-WIDE or WORD-WIDE
CONFIGURABLE
s
16 Mbit MASK ROM REPLACEMENT
s
LOW POWER CONSUMPTION
– Active Current 30mA at 8MHz
– Standby Current 60
µA
s
PROGRAMMING VOLTAGE: 12.5V
± 0.25V
s
PROGRAMMING TIME: 50
µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: B1h
DESCRIPTION
The M27V160 is a low voltage 16 Mbit EPROM of-
fered in the two ranges UV (ultra violet erase) and
OTP (one time programmable). It is ideally suited
for microprocessor systems requiring large data or
program storage. It is organised as either 2 Mbit
words of 8 bit or 1 Mbit words of 16 bit. The pin-out
is compatible with a 16 Mbit Mask ROM.
The M27V160 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP42W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written rapidly to
the device by following the programming proce-
dure.
For applications where the content is programmed
only one time and erasure is not required, the
M27V160 is offered in PDIP42 and SO44 packag-
es.
44
1
1
42
1
42
FDIP42W (F)
SO44 (M)
PDIP42 (B)
Figure 1. Logic Diagram
AI01898
20
A0-A19
BYTEVPP
Q0-Q14
VCC
M27V160
G
E
VSS
15
Q15A–1


Similar Part No. - M27V160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V160 STMICROELECTRONICS-M27V160 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27V160-100B1 STMICROELECTRONICS-M27V160-100B1 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27V160-100B6 STMICROELECTRONICS-M27V160-100B6 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27V160-100F1 STMICROELECTRONICS-M27V160-100F1 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27V160-100F6 STMICROELECTRONICS-M27V160-100F6 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results

Similar Description - M27V160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C800 STMICROELECTRONICS-M27C800 Datasheet
171Kb / 18P
8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
10-Dec-2001
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V800 STMICROELECTRONICS-M27V800 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM
Sep-1998
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
May-1998
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
21-Apr-2000
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
22-May-2006
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
28-Mar-2006
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com