Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27V256 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V256
Description  256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V256 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V256 Datasheet HTML 1Page - STMicroelectronics M27V256 Datasheet HTML 2Page - STMicroelectronics M27V256 Datasheet HTML 3Page - STMicroelectronics M27V256 Datasheet HTML 4Page - STMicroelectronics M27V256 Datasheet HTML 5Page - STMicroelectronics M27V256 Datasheet HTML 6Page - STMicroelectronics M27V256 Datasheet HTML 7Page - STMicroelectronics M27V256 Datasheet HTML 8Page - STMicroelectronics M27V256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
May 1998
M27V256
256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 90ns
s
LOW POWER CONSUMPTION:
– Active Current 10mA at 5MHz
– Standby Current 10
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 8Dh
DESCRIPTION
The M27V256 is a low voltage 256 Kbit EPROM
offered in the two ranges UV (ultra violet erase)
and OTP (one time programmable). It is ideally
suited for microprocessor systems and is orga-
nized as 32,768 by 8 bits.
The M27V256 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP28W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
Figure 1. Logic Diagram
AI01908
15
A0-A14
Q0-Q7
VPP
VCC
M27V256
G
E
VSS
8
Table 1. Signal Names
A0-A14
Address Inputs
Q0-Q7
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
1
28
28
1
FDIP28W (F)
PDIP28 (B)
PLCC32 (K)
TSOP28 (N)
8 x 13.4mm


Similar Part No. - M27V256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V201-100B1TR STMICROELECTRONICS-M27V201-100B1TR Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V201-100B6TR STMICROELECTRONICS-M27V201-100B6TR Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V201-100F1TR STMICROELECTRONICS-M27V201-100F1TR Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27V201-100F6TR STMICROELECTRONICS-M27V201-100F6TR Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27V256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
29-Aug-2002
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
Mar-1998
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
Mar-2000
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
18-May-2006
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
12-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com