Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10H15DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP10H15DF
Description  150V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP10H15DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP10H15DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP10H15DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP10H15DF
150V N+N-Channel Enhancement Mode MOSFET
AP10H15DF REV1.0
永源微電子科技有限公司
Description
The AP10H15DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 150V ID =10A
RDS(ON) < 285mΩ@ VGS=10V (Type:230mΩ)
Application
Automative lighting
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP10H15DF
PDFN3*3-8L
AP10H15DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
150
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Drain Current, VGS @ 10V
10
A
ID@TC=100
℃
Drain Current, VGS @ 10V
6.1
A
IDM
Pulsed Drain Current1
30
A
PD@TC=25
℃
Total Power Dissipation
32.1
W
PD@TA=25
℃
Total Power Dissipation3
20.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Maximum Thermal Resistance, Junctionambient
85
℃/W
RθJC
Maximum Thermal Resistance, Junction-case
3.9
℃/W


Similar Part No. - AP10H15DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP10H10DF APME-AP10H10DF Datasheet
807Kb / 7P
100V NN-Channel Enhancement Mode MOSFET
REV1.0
AP10H10S APME-AP10H10S Datasheet
1Mb / 7P
100V NN-Channel Enhancement Mode MOSFET
More results

Similar Description - AP10H15DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN15H310SE DIODES-DMN15H310SE_15 Datasheet
382Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shanghai Leiditech Elec...
LM5D25N15 LEIDITECH-LM5D25N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
LM8S20N15 LEIDITECH-LM8S20N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com